Part Number Hot Search : 
BPC2508 VO2611 JAN2N LB11690 D74LVC MT160 ACE9030 HN4D01JU
Product Description
Full Text Search
 

To Download FMTA20C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F, F11, FMT, FMT11 Series
1.3mm /1.1mm Ceramic Surface Mount Crystals
PART NUMBERING GUIDE
Package F = 1.3mm max. ht. / Ceramic Glass Sealed Package F11 = 1.1mm max. ht. / Ceramic Glass Sealed Package FMT = 1.3mm max. ht. / Seam Weld "Metal Lid" Package FMT11 = 1.1mm max. ht./ Seam Weld "Metal Lid" Package Tolerance/Stability A=50/100 G=20/10 B=50/50 H=10/10 C=30/50 J =10/20 D=20/30 E=15/30 F=10/50
Lead-Free RoHS Compliant
CALIBER
Electronics Inc.
Environmental/Mechanical Specifications on page F5
FMT11 D 20 C 1 29.4912MHz
Mode of Operation 1=Fundamental 3=Third Overtone 5=Fifth Overtone Operating Temperature Range C=0C to 70C E=-20C to 70C F=-40C to 85C Load Capacitance S=Series, XX=XXpF (Pico Farads)
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance/Stability A, B, C, D, E, F Operating Temperature Range "C" Option, "E" Option, "F" Option Aging @ 25C Storage Temperature Range Load Capacitance "S" Option "XX" Option Shunt Capacitance Insulation Resistance Drive Level 8.000MHz to 150.000MHz
Revision: 1996-D
See above for details! Other Combinations Available. Contact Factory for Custom Specifications. 0C to 70C, -20C to 70C, -40C to 85C 3ppm / year Maximum -55C to 125C Series 8pF to 50pF 7pF Maximum 500 Megaohms Minimum at 100Vdc 1mW Maximum, 100uW correlation
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
9.000 to 10.999 11.000 to 13.999 14.000 to 15.999 16.000 to 40.000
ESR (ohms)
60 50 40 30
Frequency (MHz)
35.000 to 39.990 (3rd OT) 40.000 to 49.990 (3rd OT) 50.000 to 89.999 (3rd OT) 90.000 to 150.000
ESR (ohms)
60 60 60 100
MECHANICAL DIMENSIONS
All Dimensions in mm. 5.00 0.20 7.00 +0.30 -0.20 Kovar Lid for "FMT Series" 2.54 0.20
Marking Guide
Line 1: Line 2: CEI = YM =
4 1 Pad Connection 1 Crystal In/OUt 2 Ground 3 Crystal in/Out 4 Ground
Frequency CEI YM Caliber Electronics Date Code (year/month)
4 3
"H Dimension" Ceramic Base all
1 2
4.60 0.20 3 1.00 0.20 (X4) 2
NOTE: Dimensions for Specific Packages
H = 1.3 Maximum for "F Series" H = 1.3 Maximum for "FMT Series" / "Metal Lid" H = 1.1 Maximum for "F11 Series" H = 1.1 Maximum for "FMT11 Series" / "Metal Lid"
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of FMTA20C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X